PART |
Description |
Maker |
V72-26.80M |
Easy mounting for single sided cooling
|
Infineon Technologies A...
|
RTOP |
Power Resistors for Mounting onto a Heatsink Featuring Up to 4 different ohmic values in the same case, Non inductive, Easy mounting, Low Thermal Radiation of the case, Standard Isotop case (SOT 227 B)
|
Vishay
|
E3FZLS86H E3FZ-LS64H2M |
Easy mounting photoelectric sensor in short M18 housing
|
Omron Electronics LLC
|
L2SA1235FLT1G L2SA1235FLT3G |
General Purpose Transistor Super mini package for easy mounting
|
Leshan Radio Company
|
PIC12C509-04/P PIC12C509-04/SM PIC12C509-04E/P PIC |
A newer version of this device is available. Please consider PIC12C509A. This powerful (1µsecond instruction execution) yet easy-to-program (only 33 single word instructions) CMOS OTP-based 8-bit microcontroller ... 8-Pin, 8-Bit CMOS Microcontrollers A newer device is available. Please consider PIC12F629. This powerful (1µsecond instruction execution) yet easy-to-program ... This powerful (1µsecond instruction execution) yet easy-to-program (only 33 single word instructions) CMOS ROM-based 8-bit microcontroller packs Microchips powerful PIC architecture into an 8-pin package. Easily adapted for auto A newer version of this device is available. Please consider PIC12C508A. 8-bit CMOS microcontroller, 1024 x 12 ROM program, 41 RAM data, 4MHz
|
Microchip
|
0009016081 09-01-6081 2574-8A1 |
3.96mm (.156) Pitch KK? Crimp Housing, Edge Card Connector, Single-Sided, Surface Mount, Polarized, Without Flange, 8 Circuits 3.96mm (.156") Pitch KK垄莽 Crimp Housing, Edge Card Connector, Single-Sided, Surface Mount, Polarized, Without Flange, 8 Circuits
|
Molex Electronics Ltd.
|
LM2575 LM2575-3.3 LM2575-ADJ LM2575-12 LM2575T-5 L |
EASY SWITCHERE1.0 A STEP-DOWN VOLTAGE REGULATOR 3.2 A SWITCHING REGULATOR, 52 kHz SWITCHING FREQ-MAX, PSFM5 Precision Chopper-Stabilized Advanced LinCMOS(TM) Operational Amplifier 8-SOIC -55 to 125 EASY SWITCHERE?/a> 1.0 A STEP-DOWN VOLTAGE REGULATOR EASY SWITCHERE 1.0 A STEP-DOWN VOLTAGE REGULATOR
|
ON Semiconductor Motorola Mobility Holdings, Inc. Motorola, Inc.
|
0009016061 09-01-6061 2574-6A2 |
3.96mm (.156) Pitch KK? Crimp Housing, Edge Card Connector, Single-Sided, Surface Mount, Polarized, Without Flange, 6 Circuits, Rib between 2 & 3 3.96mm (.156") Pitch KK垄莽 Crimp Housing, Edge Card Connector, Single-Sided, Surface Mount, Polarized, Without Flange, 6 Circuits, Rib between 2 & 3
|
Molex Electronics Ltd.
|
2574-9B4 09-01-7094 |
3.96mm (.156") Pitch KK庐 Crimp Housing, Edge Card Connector, Single-Sided, Surface Mount, Polarized, With Flange, 9 Circuits, Rib between 5 & 6 3.96mm (.156) Pitch KK? Crimp Housing, Edge Card Connector, Single-Sided, Surface Mount, Polarized, With Flange, 9 Circuits, Rib between 5 & 6
|
Molex Electronics Ltd.
|
09-01-6241 2574-24A15 |
3.96mm (.156) Pitch KK? Crimp Housing, Edge Card Connector, Single-Sided,Surface Mount, Polarized, Without Flange, 24 Circuits, Rib between 4 & 5, 8 & 9, 12 &13, 16 & 17, 20 & 21
|
Molex Electronics Ltd.
|
|